Part Number Hot Search : 
OH413 GBP308 08055C LT1812 MA11FAD D0715 C350KT62 45H11
Product Description
Full Text Search
 

To Download EPC3115S-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Push-Pull Low Power Transformer
ELECTRONICS INC.
EPC3115S-X & EPC3115S-X-LF
* Designed for use with Maxim Max253/Max3535E * Add "-LF" after part number for Lead-Free * Used in SMPS Push-Pull Topology * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * Switching Frequency : 350 KHz * 8 Pin SOIC PCMCIA Package * 700 Vdc Minimum Isolation * Very Low Core Loss
Electrical Parameters @ 25 C
PCA Part Number EPC3115S-1 EPC3115S-2 *EPC3115S-3 *EPC3115S-4 EPC3115S-5 EPC3115S-6 EPC3115S-7 EPC3115S-8
Voltage (V)
Primary OCL (H Typ.)
Turns Ratio (Pri. to Sec.)
ET (V-Sec.)
Duty Cycle (%)
Rectification (Half or Full Wave)
{ {
V out V in @ 100 KHz, 0.1 Vrms Pri. :Sec. @ 350 KHz Connections 75 3.3 5 394 1:1:2:2 7.1 Output Center Tap 75 5 5 988 1:1:1.3:1.3 11 Output Center Tap 75 5 10 988 1:1:1.3:1.3 11 Voltage Doubler 75 5 10 988 1:1:2.67:2.67 11 Output Center Tap 80 5 12 988 1:1:3:3 11 Output Center Tap 80 5 24 988 1:1:3:3 11 Voltage Doubler 75 3.3 5 394 1:1:1:1 7.1 Voltage Doubler 75 5 5 988 1:1:.67:.67 11 Voltage Doubler 80 5 12 988 1:1:1.5:1.5 11 Voltage Doubler 75 5 15 988 1:1:2:2 11 Voltage Doubler * Connections : Output Center Tap as Common/Return * Operating Temperature : -40C to +85C *
Package
.290 (7.37) .070 (1.78) Marking : PCA EPC3115S-X(-LF) Date Code Pin 1 I.D. .150 (3.81) *.098 Max. (2.49) for EPC3115S-3/-4 .003/.010 (.076/.254) 0-8 .050 (1.27) .018/.022 (.457/.559)
Notes : 1. Assembly Process (Solder Composition) 2. Peak Solder Rating
(per IPC/JEDEC-J-STD-020C)
Schematic
Pri. .050 (1.27) .090 (2.29) 1 2 3 Sec. 8 7 6 5
.270 (6.86)
.420 Pad (10.67) Layout
4
.030 (.762) .008/.012 (.203/.304)
Application
.088 Max. (2.24)
.025 (.635) .365 (9.27)
EPC3115S-X-LF Pb-Free 260C 1 (Unlimited, 30C/60%RH) TBD grams TBD pcs / tube
EPC3115S-X SnPb 225C 1 (Unlimited, 30C/60%RH) TBD grams (Tube) TBD pcs / tube
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC-J-STD-020C)
4. Weight 5. Packaging Information
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3115S-X & -LF Rev. 5 8/25/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3115S-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X